PART |
Description |
Maker |
P8SG-XXXXEH30M P8SG-0505EH30M P8SG-1205EH30M P8SG- |
Input voltage:24V, output voltage 7.2V (200mA), 3KV isolated 1.5W regulated single output 3 KV ISOLATED 1.5 W REGULATED SINGLE OUTPUT DIP24 3千伏隔震1.5糯稳压单输出DIP24
|
PEAK[PEAK electronics GmbH]
|
P8SG-247R2ZH30 P8SG-0505ZH30 P8SG-053R6ZH30 P8SG-1 |
Input voltage:24V, output voltage /-7.2V ( /-100mA), 3KV isolated 1.5W regulated dual output Input voltage:24V, output voltage /-15V ( /-50mA), 3KV isolated 1.5W regulated dual output Input voltage:24V, output voltage /-5V ( /-150mA), 3KV isolated 1.5W regulated dual output Input voltage:12V, output voltage /-12V ( /-63mA), 3KV isolated 1.5W regulated dual output Input voltage:12V, output voltage /-5V ( /-150mA), 3KV isolated 1.5W regulated dual output Input voltage:5V, output voltage /-5V ( /-150mA), 3KV isolated 1.5W regulated dual output Input voltage:5V, output voltage /-3.6V ( /-200mA), 3KV isolated 1.5W regulated dual output 3 KV ISOLATED 1.5 W REGULATED DUAL OUTPUT DIP24 3千伏隔震1.5糯稳压双输出DIP24
|
PEAK[PEAK electronics GmbH]
|
P6MG244R8ZS P6MG0503ZS P6MG0505ZS P6MG053R3ZS P6MG |
Input voltage:5V, output voltage 4.85/4.85V (100/100mA), 3KV isolated 0.6-1W regulated dual split output Input voltage:5V, output voltage 3.3/3.3V (100/100mA), 3KV isolated 0.6-1W regulated dual split output Input voltage:5V, output voltage 5/5V (100/100mA), 3KV isolated 0.6-1W regulated dual split output Input voltage:5V, output voltage 3/3V (100/100mA), 3KV isolated 0.6-1W regulated dual split output 3KV ISOLATED 0,6 - 1 W REGULATED DUAL SPLIT OUTPUT DIP14 3KV ISOLATED 0,6 ?1 W REGULATED DUAL SPLIT OUTPUT DIP14 3KV ISOLATED 1 W REGULATED SINGLE OUTPUT DIP14 3KV ISOLATED 0,6 1 W REGULATED DUAL SPLIT OUTPUT DIP14 千伏隔震0,6瓦稳压双输出DIP14劈裂
|
PEAK[PEAK electronics GmbH]
|
P14SG-2405EM P14SG-0505EM P14SG-0512EM P14SG-1205E |
1 KV ISOLATED 3 W REGULATED SINGLE OUTPUT DIP24
|
PEAK[PEAK electronics GmbH]
|
P10TG-4812E21H35 P10TG-1205E21H35 P10TG-1215E21H35 |
3.5 KV ISOLATED 2 W REGULATED SINGLE OUTPUT DIP24
|
PEAK[PEAK electronics GmbH]
|
NMF0505DC NMF0505SC NMF0509DC NMF0509SC NMF0512DC |
Isolated 1W Regulated Single Output DC/DC Converters
|
List of Unclassifed Manufacturers ETC
|
P26TG-4815E41M P26TG-2405E41M P26TG-2412E41M P26TG |
1.5 KV ISOLATED 6 W REGULATED SINGLE OUTPUT DIP24
|
PEAK[PEAK electronics GmbH]
|
P26TG-4815E41H35 P26TG-2405E41H35 P26TG-2412E41H35 |
3.5 KV ISOLATED 6 W REGULATED SINGLE OUTPUT DIP24
|
PEAK[PEAK electronics GmbH]
|
P22TG-4812E21H35M P22TG-1205E21H35M P22TG-1215E21H |
3.5 KV ISOLATED 5 W REGULATED SINGLE OUTPUT DIP24
|
PEAK[PEAK electronics GmbH]
|
P10SG-2405E P10SG-0505E P10SG-0509E P10SG-1205E P1 |
1 KV ISOLATED 2W REGULATED SINGLE OUTPUT DIP24
|
PEAK[PEAK electronics GmbH]
|
IF0505D-1W IF0505S-1W IF0509S-1W IF0515S-1W IF1205 |
ISOLATED & REGULATED SINGLE OUTPUT DC-DC CONVERTER
|
MORNSUN
|
P10SG-2405EH30M P10SG-0505EH30M P10SG-0509EH30M P1 |
3 KV ISOLATED 2W REGULATED SINGLE OUTPUT DIP24
|
PEAK[PEAK electronics GmbH]
|